PART |
Description |
Maker |
8051AH 8751H 8752BH P8032AH 6051AHP TP8052AH TN805 |
8-Bit control-oriented microcontroller. Commercial. (P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS 8-bit control-oriented microcontroller with burn-in
|
INTEL[Intel Corporation]
|
LC6527C_H LC6528C_H LC6528H LC6528C LC6527C LC6527 |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS 4位单片微机的小规模控制为导向的应 CMOS LSI SINGLE - CHIP 4-BIT MICROCOMPUTERS FOR SMALL - SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS RES,Metal Film,1.24MOhms,250WV,1 /-% Tol,-250,250ppm-TC RoHS Compliant: Yes
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|
8052AH 8751BH 8751H 8751H-8 8051AHP 8051AH |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
Intel
|
P8031AH 6751BH 6052AH 8052AH 8051AH 18052N 8032N P |
(P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS Isolated Sigma-Delta Modulator; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 8-Bit Control-Oriented Microcontroller(8位控制导向的微控制器) IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 40.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines (incl. FADC): 0; Program Memory: 64.0 KByte; MCS51系列8位控制导向型微控制器
|
Intel Corporation Intel Corp. Intel, Corp.
|
LD8751BH LD8751H LD8751H-8 LD8752BH TD8031AH TD803 |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
Intel Corporation
|
IZ5851V |
CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED MICROCOMPUTER WITH LCD DRIVER
|
INTEGRAL[Integral Corp.]
|
ST72T141K2 ST72141 ST72141K2M3 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM. 256 BYTES RAM.ADC. WDG. SPI & 2 TIMERS. SDIP32-SO34
|
STMicroelectronics
|
ATS632LSC |
ZERO-SPEED/ SELF-CALIBRATING/ NON-ORIENTED/ HALL-EFFECT GEAR-TOOTH SENSOR
|
Allegro MicroSystems
|
ATS632LSC ATS535CSB ATS535JSB ATS640JSB ATS610LSA |
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR ZERO-SPEED/ SELF-CALIBRATING/ NON-ORIENTED/ HALL-EFFECT GEAR-TOOTH SENSOR
|
ALLEGRO[Allegro MicroSystems]
|
UPD6124A UPD6124ACS UPD6124AGS UPD6600A UPD6600ACS |
IC for programmable infrared remote control transmitter 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
|
NEC[NEC]
|